PART |
Description |
Maker |
ISL12023 ISL12023IVZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 卤5ppm with Auto Daylight Saving Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
|
Intersil Corporation
|
ISL12032 |
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
|
Intersil
|
M41T01M6F |
Low-power serial real-time clock (RTC) with built-in battery switchover circuit
|
ST Microelectronics
|
ISL12022 |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ppm with Auto Day Light Saving
|
Intersil
|
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
CBC3105 CBC3112 CBC3150 |
Microchip MDP79410 RTC Power Backup with EnerChip Battery
|
Cymbet Corporation
|
ISL12022IBZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
INTERSIL CORP
|
ISL1219IUZ-T |
Real Time Clock/Calendar with Event Detection 0 TIMER(S), REAL TIME CLOCK, PDSO10 Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil, Corp. Intersil Corporation
|
M41T9307 |
Serial SPI bus RTC with battery switchover
|
STMicroelectronics
|
3/700RSE.099161 150RS.025269 3/RST4.099146 RST4K.0 |
AKKU TELEFON STECKLOETFAHNE 3.6V 100G BATTERIE NICKEL CADMIUM AKKU LADY N 1.2V Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset BATTERY HIGH TEMP.NI-CAD BATTERY AAA TYPE AAA级电池类
|
Analog Devices, Inc.
|
V30208TSS V30208S |
Ultra Low Power 1-Bit 32 kHz RTC
|
List of Unclassifed Manufacturers
|